PART |
Description |
Maker |
M29F200BB M29F200BT 6610 |
2 Mbit (256Kb x8 or 128Kb x16, Boot Block)Single Supply Flash Memory From old datasheet system
|
STMicro
|
M36W216 M36W216BI M36W216BI70ZA1T M36W216BI85ZA1T |
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
M36W432TG70ZA1T M36W432TG85ZA6T M36W432TG-ZAT M36W |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
意法半导
|
M36W432BG M36W432BG70ZA1T M36W432BG70ZA6T M36W432B |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
M36W416TG-ZAT M36W416BGZA M36W416BG70ZA1T M36W416B |
16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product
|
ST Microelectronics
|
M29F200T-55M1R M29F200T-55M3R M29F200T-55N1R M29F2 |
Single SVS For 3.3V Systems W/Programmable Time Delay 8-PDIP -40 to 125 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Adjustable Single SVS W/Programmable Time Delay 8-PDIP -40 to 125 2兆位56Kb x828KB的x16插槽,启动座单电源闪 2 Mbit 256Kb x8 or 128Kb x16 / Boot Block Single Supply Flash Memory Single 2-Input Positive-NOR Gate 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single 2-Input Positive-OR Gate 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory 2兆位256Kb x828KB的x16插槽,启动座单电源闪 Single 2-Input Positive-NOR Gate 5-SOT -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single Inverter Buffer/Driver with Open-Drain Output 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 CONNECTOR ACCESSORY 连接器附 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single Positive-Edge-Triggered D-Type Flip-Flop with Clear and Preset 8-US8 -40 to 85 Single Positive-Edge-Triggered D-Type Flip-Flop 5-SOT-23 -40 to 85 Micropower Supply Voltage Supervisor 8-TSSOP Adjustable Single SVS W/Programmable Time Delay 8-PDIP -40 to 85 Adjustable Single SVS W/Programmable Time Delay 8-TSSOP -40 to 85 Single SVS For 3.3V Systems W/Programmable Time Delay 8-TSSOP Single SVS For 3.3V Systems W/Programmable Time Delay 8-SOIC -40 to 85 Micropower Supply Voltage Supervisor 8-PDIP -40 to 85 Single Power SVS (5v) W/Pgmmable Time Delay & Push-Pull Outputs 8-CDIP -55 to 125 16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 Single 2-Input Positive-NAND Gate 5-SC70 -40 to 85 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP 20-SOIC 0 to 70 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-PDIP -25 to 85
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
M28R400C-ZBU M28R400CB120ZB1T M28R400CB120ZB1U M28 |
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics]
|
SST39LF016 SST39LF016-90-4I-EI SST39VF016-90-4I-EI |
(SST39VF080 / SST39VF016 / SST39LF080 / SST39LF016) 8 Mbit / 16 Mbit (x8) Multi-Purpose Flash 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays CONNECTOR ACCESSORY LED Light Bars D52 - BACKSHELL ENVIRON EMI-RFI STRT MIL 2M X 8 FLASH 2.7V PROM, 70 ns, PBGA48 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 3V PROM, 55 ns, PDSO40 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 3V PROM, 55 ns, PBGA48 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 64 Mbit (x16) Multi-Purpose Flash Plus 64兆位(x16)的多功能闪存加 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 2.7V PROM, 70 ns, PDSO40
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
M29W400BT 6584 |
4 Mbit (512Kb x8 or 256Kb x16, Boot Block)Low Voltage Single Supply Flash Memory From old datasheet system
|
STMicro
|
M29W400BT90M1 M29W400BT90M6 M29W400BT90ZA6T M29W40 |
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory 4兆位12KB的x856Kb的x16插槽,引导块)低电压单电源闪
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|